データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AC162091 データシート(PDF) 54 Page - Microchip Technology

部品番号 AC162091
部品情報  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162091 データシート(HTML) 54 Page - Microchip Technology

Back Button AC162091 Datasheet HTML 50Page - Microchip Technology AC162091 Datasheet HTML 51Page - Microchip Technology AC162091 Datasheet HTML 52Page - Microchip Technology AC162091 Datasheet HTML 53Page - Microchip Technology AC162091 Datasheet HTML 54Page - Microchip Technology AC162091 Datasheet HTML 55Page - Microchip Technology AC162091 Datasheet HTML 56Page - Microchip Technology AC162091 Datasheet HTML 57Page - Microchip Technology AC162091 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
Optional Debug Headers
DS51292T-page 54
 2006-2012 Microchip Technology Inc.
FIGURE 12:
DIMENSIONS (20 PIN) – AC244033, AC244034
Side
0.062
Typical
0.165 Typical
0.182
Typical
Target Pin 1 Located on
Bottom side of Header
Dimensions are in inches
Top
1.800
1.150
0.150
0.425
ICE Device
6-pin SIL Connector
(0.100 pin spacing)
See Appendix B. “Debug Header
Connections” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78