| データシートサーチシステム |
|
AC162091 データシート(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162091 データシート(HTML) 6 Page - Microchip Technology |
|
6 / 78 page ![]() Debug Header Specification DS51292T-page 6 2006-2012 Microchip Technology Inc. CALIBRATION BITS The calibration bits for the band gap and internal oscillator are always preserved to their factory settings. PERFORMANCE ISSUES The PIC® MCU devices do not support partial program memory erase; therefore, users may experience slower performance than with other devices. Also, see either the in-circuit emulator or the in-circuit debugger Help file for information on specific device limitations that may affect performance. RELATED DEBUG TOOLS The following tools support the use of headers: • MPLAB REAL ICE In-Circuit Emulator • MPLAB ICD 2 or 3 In-Circuit Debugger • PICkit 2 or 3 Debug Express See the Microchip website (http://www.microchip.com) for the latest documentation. CUSTOMER SUPPORT Users of Microchip products can receive assistance through several channels: • Distributor or Representative • Local Sales Office • Field Application Engineer (FAE) • Technical Support Customers should contact their distributor, representative or field application engineer (FAE) for support. Local sales offices are also available to help customers. Technical support is available through the web site at: http://support.microchip.com. Documentation errors or comments may be sent to docerrors@microchip.com. |