| データシートサーチシステム |
|
B7AH-R6D58 データシート(PDF) 80 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
B7AH-R6D58 データシート(HTML) 80 Page - Omron Electronics LLC |
|
80 / 121 page ![]() B7AC B7AC 78 B7AC-T10A1 Waterproof Cover XS2Z-11 XS2Z-12 Dust Cover XS2Z-13 XS2Z-14/XS2Z-15 Note: The B7AC maintains IP67 with the XS2Z-11 and XS2Z-12 Waterproof Covers. Be sure to connect the XS2Z-11 and XS2Z-12 Waterproof Covers to the connectors by hand and tighten the Waterproof Covers securely with a force of 4 to 5 kgf S cm (0.39 to 0.49 N S m). Note: The XS2Z-13, XS2Z-14, and XS2Z-15 Dust Covers are used for dust prevention. The B7AC cannot maintain IP67 with them. Press them securely to the connector joints. 55 8 22 30 12 20 10 160 150 ±0.5 120 110 ±0.5 Two, 5.5 dia 14 dia 16 dia 22 15 8 7 150 ±0.5 23 11 Two, 5.5 dia 32 ±0.5 15 22 8 10 23 10 23 14.5 Name plate Two, 2.5-dia. holes (depth: 7) Transmission and power supply connector Power indicator Input indicators Ten input connectors 4 Input connector XS2Z-12 XS2Z-11 M12 Transmission and power supply connector M12 Transmission and power supply connector XS2Z-13 Input connector XS2Z-15 XS2Z-14 |