| データシートサーチシステム |
|
B7AH-R6D58 データシート(PDF) 51 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
B7AH-R6D58 データシート(HTML) 51 Page - Omron Electronics LLC |
|
51 / 121 page ![]() G70D-B7A G70D-B7A 49 Dimensions Note: All units are in millimeters unless otherwise indicated. G70D-R6 jj1-B7A 156 max. 51 max. Thirty-two, M3 terminals 51 max. Installation Internal Circuits G70D-R6R11-B7A, G70D-R6M11-B7A G70D-R6R31-B7A, G70D-R6M31-B7A Relay driver Relay driver Relay driver Relay driver DC-DC converter (See note.) Note: The above diagram is for G70D-R6R j1-B7A models (G6D-mounting). With G70D-R6Mj1-B7A models, G3DZ Power MOS FET Relays are used. Terminal Arrangement G70D-R6 jjj-B7A 24 VDC Note: 1. Internal connections are indicated by dotted lines in the above diagram. 2. Terminals B2, B3, B4, and B5 come in pairs. Connect the power supply to either terminal. |