| データシートサーチシステム |
|
B7AH-R6D58 データシート(PDF) 101 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
B7AH-R6D58 データシート(HTML) 101 Page - Omron Electronics LLC |
|
101 / 121 page ![]() B7A B7A 99 Examples of Connections with PLC I/O Units PLC output B7A input B7A output PLC input 3G2A5-OD212 B7A-T6C j Transmission path 12 to 24 VDC B7A-R6B jj 3G2A5-ID213 Transmission path Any one of B0 through B15 can be used. 12 to 24 VDC 3G2A5-OD412 B7A-T6A j Note: The B7A-T6B j can be connected in the same method. Transmission path 12 to 24 VDC B7A-R6B jj 3G2A5-ID219 Transmission path 24 VDC Any one of B0 through B15 can be used. C200H-OC225 B7A-T6A j Note: The B7A-T6B j can be connected in the same method. 24 VDC Transmission path B7A-R6F jj C200H-ID212 24 VDC Transmission path Any one of B0 through B15 can be used. |