| データシートサーチシステム |
|
175507 データシート(PDF) 2 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
175507 データシート(HTML) 2 Page - TE Connectivity Ltd |
|
2 / 80 page ![]() Receptacle Contacts (for Plug Housing) MULTILOCK Connector System .040 MULTILOCK Connectors Section Catalog 1654355-1 Issued 4-2010. Main Catalog 1654400-1 Chapter 5 – Issued 4-2010. All specifications subject to change. Consult TE Connectivity for latest specifications. 5-2 Technical Features Contact Material: Copper Alloy Contact Finishes: Pre-tin plated Selective gold plated Application Specifications: 114-5094 114-5162 Instruction Sheet: 408-8547-1 Finish Wire Insulation Diameter (mm) Wire Size Range (mm2) (AWG) Part Numbers Strip Form Loose-Piece Hand Tool 1.1–1.6 Copper Alloy, pre-tinned 175180-1 – – 0.3–0.5 , 22–20 , Copper Alloy, selective gold 175180-2 – 1.8–2.0 Copper Alloy, pre-tinned 173681-1 175062-1 91577-1 Copper Alloy, selective gold 173681-2 175062-2 ,) 040 Series for signal circuit. (Extraction Tool: Part No. 755430-1 (IS-288J) Note: All Part Numbers are RoHS and ELV compliant. |