| データシートサーチシステム |
|
175507 データシート(PDF) 39 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
175507 データシート(HTML) 39 Page - TE Connectivity Ltd |
|
39 / 80 page ![]() Introduction MULTILOCK Connector System .025 (0.64 mm) Series Connectors Section Catalog 1654355-1 Issued 4-2010. Main Catalog 1654400-1 Chapter 5 – Issued 4-2010. All specifications subject to change. Consult TE Connectivity for latest specifications. 5-39 Features I Connectors for automotive applications suitable for high-density mountings. I Designed to resist deforma- tion of contacts by scooping at mating/unmating. I Low insertion force contacts optimized to tolerate fretting corrosion. I Side-locks prevent half- mating of connector halves and increase connector retention force. I Without closing double locks, connectors cannot mate. I Hybrid types of 0.25 /.040 and 0.25 /.090 are also available. I Many numbers of positioned housings will be available. See the following pages for Application Specifications, Product Specification and Instruction Sheet. .025 (0.64 mm) Series Connectors are High- Density Connectors for Automotive Applications such as ECU and down sized Wire Harnesses. |