| データシートサーチシステム |
|
TC35679FSG データシート(PDF) 10 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35679FSG データシート(HTML) 10 Page - Toshiba Semiconductor |
|
10 / 45 page ![]() TC35679FSG-002 2018-01-17 10 Table 2-3 GPIO function list (example) Pin name Basic example Example of SPI unused Example of SPI + I2C Example of UART + SPI + I2C GPIO0 WakeUp0 WakeUp0 WakeUp0 WakeUp0 GPIO1 PWM0 PWM0 PWM0 PWM0 GPIO2 PWM1 PWM1 PWM1 PWM1 GPIO3 SPI-DOUT PWM2 PWM2 SPI-DOUT GPIO4 SPI-DIN ADC2 PWM3 SPI-DIN GPIO5 UART1-TX UART1-TX SPI-DOUT UART1-TX GPIO6 UART1-RX UART1-RX SPI-DIN UART1-RX GPIO7 SPI-SCS UART1-RTSX SPI-SCS SPI-SCS GPIO8 SPI-SCLK UART1-CTSX SPI-SCLK SPI-SCLK GPIO9 ADC3 ADC3 ADC3 ADC3 GPIO10 ADC4 ADC4 ADC4 ADC4 GPIO11 I2C-SCL I2C-SCL I2C-SCL I2C-SCL GPIO12 I2C-SDA I2C-SDA I2C-SDA I2C-SDA GPIO13 UART1-RTSX GPIO13 GPIO13 GPIO13 GPIO14 UART1-CTSX ADC5 ADC5 ADC5 GPIO15 WakeUp1 WakeUp1 WakeUp1 WakeUp1 GPIO25 GPIO25 GPIO25 GPIO25 GPIO25 Note: There are other functions than the above examples. About the detail of the other functions, refer to firmware specification. |