| データシートサーチシステム |
|
TC35679FSG データシート(PDF) 20 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35679FSG データシート(HTML) 20 Page - Toshiba Semiconductor |
|
20 / 45 page ![]() TC35679FSG-002 2018-01-17 20 4.3.8. Host Wake up Function TC35679 can wakes up its host before sending UART data to the host. This function is disabled by default, but can be assigned to GPIO by command. Host wake up time can be changed by command (10 ms by default). Figure 4-10 Host wake up 4.3.9. HCI mode When TC35679 is used in the HCI mode, UART is the host interface to receive HCI commands. The Bluetooth® wireless performance can be tested in HCI mode by the measurement equipment which connects the UART directly. 4.3.9.1. HCI Reset To process the following commands successfully, it is needed that the host waits at least 150 μs from the command complete event after sending a HCI reset command. Host wake up Host wake up time (10 ms by default) UART TX message UART TX data |