データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CPCE2624A データシート(PDF) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

部品番号 CPCE2624A
部品情報  High Current Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
ホームページ  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CPCE2624A データシート(HTML) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

  CPCE2624A Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CPCE2624A Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CPCE2624A Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CPCE2624A Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 / 4
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
High Current Power Inductor
CPCE2624A Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice.Please check web site for latest information.
Revised: 07/14/2020
Outline
:
▪ Excellent DC bias capability to handle instantaneous peak current.
▪ Flat wire winding, achieving very low DC resistance.
▪ The inductance value and dc bias characteristic are little affected by
temperature.
▪ Magnetic shield structure, strong anti-electromagnetic interference
ability.
Features:
▪ Core material:Composite
▪ Core and winding loss:
See www.codaca.com/en/PowerInductorLossComparison
▪ Environmental:RoHS compliant, halogen free
▪ Weight:63.17 g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity)
▪ Operating temperature range: -55℃~+150℃
(including coil
’s self temperature rise).
▪ Storage temperature range: -40℃~+125℃
Application:
▪ PV inverter/ Industrial control/ New energy
▪ DC /DC converters/Motherboards/Filter
▪ High current switching regulators/Polyphase-switching regulators
1 Product Dimensions (mm)
2 Electrical Characteristics
Part No.
Inductance
(
μH)※1
D.C.R. (m
Ω)
Isat
(A)
※2
Irms
(A)
※3
±20%
Typical
Max.
Typical
Typical
CPCE2624A-130MC
13.0
1.90
2.10
35.0
26.0
CPCE2624A-150MC
15.0
2.50
2.90
33.0
25.0
CPCE2624A-180MC
18.0
2.70
3.10
30.0
24.0
CPCE2624A-250MC
25.0
3.60
4.10
28.0
23.0
CPCE2624A-270MC
27.0
3.90
4.50
26.0
22.0
CPCE2624A-330MC
33.0
4.20
4.80
24.0
20.0
Code
Marking
26.4±1.0
19.0±1.0
30.0±1.0
9.5±0.5
20.8±0.5
25.0±1.0
6.8±0.5
4.0±0.2
22.5±1.0
5.0±0.5
Φ1.0±0.2
※ A±0.2
Part No.
Dimension A
Dimension B
130
150-180
250
270-330
1.20
1.80
1.00
0.90
0.80
1.60
1.50
1.40
20.0
31.0
27.4
10.0
5.0
※ B
6.8
Φ1.5
20.8
All data is tested on 25
℃ ambient temperature
1.Inductance measure condition at 100kHz,0.1V
2.Isat:the actual value of DC current when the
Inductance decrease 30% of its initial Value
3.Irms:The actual value of DC current when the
Temperature rise is
ΔT50℃(Ta=25℃)
3 How to Order:
CPCE2624A-130M
Model
Dimensions
Value Code
Typical Land pattern
※ Date code will be changed by manufacture date
Schematic
N/C
N/C
N/C
N/C
N/C
N/C


同様の部品番号 - CPCE2624A

メーカー部品番号データシート部品情報
logo
IDEM Safety Switches
CPC IDEM-SAFETY-CPC Datasheet
1Mb / 2P
Non Contact Coded Safety Switches Operating Instructions
Feb 2020
logo
Coherent Corp
CPC-1040 COHERENT-CPC-1040 Datasheet
401Kb / 3P
Compact Pulse Compressor Accessory
logo
Premier Farnell Limited...
CPC-30026 DURATOOL-CPC-30026 Datasheet
147Kb / 1P
Plastic Cabinet Storage, 26 Drawer
09/08/12 V1.0
logo
Source Photonics, Inc.
CPC-44-MR-LR-CLFA SOURCE-CPC-44-MR-LR-CLFA Datasheet
381Kb / 6P
Support 40GBASE-LR4 application
logo
Coherent Corp
CPC-II COHERENT-CPC-II Datasheet
457Kb / 3P
Compact Pulse Compressor for Vitara
More results

同様の説明 - CPCE2624A

メーカー部品番号データシート部品情報
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com