| データシートサーチシステム |
|
ST7293C3B6 データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7293C3B6 データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 69 page ![]() 17/69 ST7294 INTERRUPTS (Continued) Table 6. Interrupt and Reset Priorities Figure 12. Timing Diagram for the Interrupt Line Vector Address Interrupt Source Masked by Priority 1FFEh,1FFFh 1FFCh,1FFDh 1FFAh,1FFBh 1FF8h,1FF9h 1FF6h,1FF7h 1FF4h,1FF5h 1FF2h,1FF3h 1FF0h,1FF1h RESET and POWER-ON (POR) SOFT WARE Interrupt (TRAP) EXTERNAL Interrupt (INT) TIMER INPUT Capture TIMER OUTPUT Compares (1 and 2) TIMER OVERFLOW Reserved PORT C Wake-up none none I-Bit I-Bit I-Bit I-Bit I-Bit I-Bit Highest Lowest ILIH ILIL t t t ILIH VR00079 WKP (MCU) WKP 1 WKP n WKP Normally Used With Wire-ORed Connection |