| データシートサーチシステム |
|
STM32L062K8 データシート(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L062K8 データシート(HTML) 42 Page - STMicroelectronics |
|
42 / 124 page ![]() Pin descriptions STM32L062x8 42/124 DS10183 Rev 11 --- 26 PB13 I/O FTf - SPI2_SCK/I2S2_CK, TSC_G6_IO3, LPUART1_CTS, I2C2_SCL, TIM21_CH1 - --- 27 PB14 I/O FTf - SPI2_MISO/I 2S2_MCK, RTC_OUT, TSC_G6_IO4, LPUART1_RTS/ LPUART1_DE, I2C2_SDA, TIM21_CH2 - --- 28 PB15 I/O FT - SPI2_MOSI/I2S2_SD, RTC_REFIN - 18 18 E1 29 PA8 I/O FT - MCO, USB_CRS_SYNC, EVENTOUT, USART1_CK - 19 19 D1 30 PA9 I/O FT - MCO, TSC_G4_IO1, USART1_TX - 20 20 C1 31 PA10 I/O FT - TSC_G4_IO2, USART1_RX - 21 21 C2 32 PA11 I/O FT - SPI1_MISO, EVENTOUT, TSC_G4_IO3, USART1_CTS, COMP1_OUT USB_DM 22 22 B1 33 PA12 I/O FT - SPI1_MOSI, EVENTOUT, TSC_G4_IO4, USART1_RTS/ USART1_DE, COMP2_OUT USB_DP 23 23 A1 34 PA13 I/O FT - SWDIO, USB_NOE - --- 35 VSS S - - - - - - - 36 VDD_USB S - - - - 24 24 B2 37 PA14 I/O FT - SWCLK, USART2_TX - Table 15. STM32L062x8 pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |