データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPERGAN65 データシート(PDF) 28 Page - STMicroelectronics

部品番号 VIPERGAN65
部品情報  Advanced quasi-resonant offline high voltage converter with E-mode GaN HEMT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPERGAN65 データシート(HTML) 28 Page - STMicroelectronics

Back Button VIPERGAN65 Datasheet HTML 24Page - STMicroelectronics VIPERGAN65 Datasheet HTML 25Page - STMicroelectronics VIPERGAN65 Datasheet HTML 26Page - STMicroelectronics VIPERGAN65 Datasheet HTML 27Page - STMicroelectronics VIPERGAN65 Datasheet HTML 28Page - STMicroelectronics VIPERGAN65 Datasheet HTML 29Page - STMicroelectronics VIPERGAN65 Datasheet HTML 30Page - STMicroelectronics VIPERGAN65 Datasheet HTML 31Page - STMicroelectronics VIPERGAN65 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
Figure 35. QFN 5x6 narrow package information
VIPERGAN65
Package information
DS14005 - Rev 2
page 28/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35