データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R1171S データシート(PDF) 4 Page - Nisshinbo Micro Devices Inc.

部品番号 R1171S
部品情報  1.5A LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NISSHINBO [Nisshinbo Micro Devices Inc.]
ホームページ  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1171S データシート(HTML) 4 Page - Nisshinbo Micro Devices Inc.

  R1171S Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
R1171S
NO. EC-125-140213
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
7.0
V
VCE
Input Voltage ( CE or CE Input Pin)
−0.3 to VIN+0.3
V
VOUT
Output Voltage
−0.3 to VIN+0.3
V
Standard Land Pattern
1700
PD
Power Dissipation
(HSOP-6J)
∗1
High Wattage Land
Pattern
2000
mW
Tj
Junction Temperature
−40 to 125
°C
Tstg
Storage Temperature
−55 to 125
°C
∗1 For Power Dissipation, please refer to PACKAGE INFORMATION.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the
permanent damages and may degrade the life time and safety for both device and system using the
device in the field.
The functional operation at or over these absolute maximum ratings is not assured.
RECOMMENDED OPERATING RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
2.1 to 6.0
V
Ta
Operating Temperature Range
−40 to 85
°C
RECOMMENDED OPERATING RATINGS
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating ratings. The semiconductor devices cannot operate normally over the recommended
operating ratings, even if when they are used over such ratings by momentary electronic noise or surge. And the
semiconductor devices may receive serious damage when they continue to operate over the recommended
operating ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com