データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R1171S データシート(PDF) 5 Page - Nisshinbo Micro Devices Inc.

部品番号 R1171S
部品情報  1.5A LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NISSHINBO [Nisshinbo Micro Devices Inc.]
ホームページ  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1171S データシート(HTML) 5 Page - Nisshinbo Micro Devices Inc.

  R1171S Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1171S Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
R1171S
NO. EC-125-140213
5
ELECTRICAL CHARACTERISTICS
VIN =VSET +1.0V, 1.5V≤VSET<1.8V : CIN=COUT=10µF, 1.8V≤VSET≤5.0V : CIN=COUT=4.7µF, unless otherwise noted.
The specifications surrounded by
are guaranteed by design engineering at -40°C
≤ Ta ≤ 85°C.
• R1171xxx2A
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
IOUT=200mA
×0.98
×1.02
V
ILIM
Output Current Limit
1500
mA
ΔV
OUT/ΔIOUT
Load Regulation
1mA
≤ I
OUT ≤ 300mA
10
60
mV
VDIF
Dropout Voltage
IOUT=300mA
Refer to the Product-specific
Electrical Characteristic
s
ISS
Supply Current
130
320
µA
Istandby
Standby Current
VCE=VIN
0.1
2.0
µA
2.1V
≤ VIN ≤ 6.0V
(1.5V
≤ V
SET < 1.6V)
ΔV
OUT/ΔVIN
Line Regulation
. IOUT
=200mA
VOUT + 0.5V ≤ VIN ≤ 6.0V
(1.6V
≤ V
SET < 5.0V)
0.05
0.30
%/V
ISC
Short Current Limit
VOUT=0V
200
mA
RPU
CE Pull-up Resistance
2.5
5.0
10.0
M
Ω
VCEH
CE Input Voltage “H”
IOUT=1mA
1.2
VIN
V
VCEL
CE Input Voltage “L”
0
0.25
V
TTSD
Thermal Shutdown
Temperature
Junction Temperature
150
ºC
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
120
ºC
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj
≈Ta=25ºC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com