| データシートサーチシステム |
|
H7CC-AS データシート(PDF) 58 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CC-AS データシート(HTML) 58 Page - Omron Electronics LLC |
|
58 / 66 page ![]() H7CC-R @ 58 Output Mode Settings Models Other Than H7CC-R11W @ in Tachometer Mode Models Other Than H7CC-R11W @ in AMD-compatible Mode Note: If time “a” is exceeded during operation, the output will turn ON. If time “b” is exceeded during operation, the output will turn OFF. (If average processing is enabled, the output operation will be performed when the time is exceeded once.) H7CC-R11W @ Precautions for the H7CC-R In upper and lower limit output mode, if the comparison value setting is such that comparison value 1 ≥ comparison value 2, the output will always be ON. Output mode setting Operation Upper and lower limit ON condition: Measurement value ≤ Comparison value 1 or Measurement value ≥ Comparison value 2 Note: When comparison value 1 ≥ Comparison value 2, the output is always ON regardless of the comparison value. Area Upper limit ON condition: Measurement value ≥ Comparison value Lower limit ON condition: Measurement value ≤ Comparison value OUT Measurement value Comparison value 2 (Upper-limit) Comparison value 1 (Lower-limit) Condi- tion Comparison value 1 ≤ Comparison value 2 Comparison value 1 > Comparison value 2 ON con- dition Comparison value 1 ≤ measurement value ≤ Comparison value 2 Comparison value 2 ≤ measurement value ≤ Comparison value 1 OUT Measurement value Comparison value 2 Comparison value 1 OUT Comparison value (Upper-limit) Measurement value OUT Measurement value Comparison value (Lower-limit) Output mode setting Operation Upper and lower limit ON condition: Measurement value < Comparison value 1 or Measurement value ≥ Comparison value 2 Note: When comparison value 1 ≥ comparison value 2, the output is always ON regardless of the comparison value. Area Upper limit ON condition: Measurement value ≥ Comparison value Lower limit ON condition: Measurement value < Comparison value OUT Measurement value Comparison value 2 (Upper-limit) Comparison value 1 (Lower-limit) a Condi- tion Comparison value 1 ≤ Comparison value 2 Comparison value 1 > Comparison value 2 ON con- dition Comparison value 1 ≤ measurement value < Comparison value 2 Comparison value 2 ≤ measurement value < Comparison value 1 OUT Measurement value Comparison value 2 Comparison value 1 b a OUT Comparison value (Upper-limit) Measurement value b Measurement value Comparison value (Lower-limit) OUT Output mode setting Operation Upper limit (HI) Lower limit (LO) OUT1 CP1 display value Comparison value 1 OUT2 CP2 display value Comparison value 2 ON condition for output 1: CP1 present value (display value) ≥ Comparison value 1 ON condition for output 2: CP2 present value (display value) ≥ Comparison value 2 Output 1 Output 2 OUT1 CP1 display value Comparison value 1 OUT2 CP2 display value Comparison value 2 ON condition for output 1: CP1 present value (display value) ≤ Comparison value 1 ON condition for output 2: CP2 present value (display value) ≤ Comparison value 2 Output 1 Output 2 |