| データシートサーチシステム |
|
H7CC-AS データシート(PDF) 24 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CC-AS データシート(HTML) 24 Page - Omron Electronics LLC |
|
24 / 66 page ![]() 24 H7CC-A @ Counter Input/Output Mode Settings I/O Functions for Counter Operation If a 1-stage model or 2-stage model is used as twin counter, the operation for output 2 will be performed. When using a 2-stage model as a 1-stage preset counter, total and preset counter, or dual counter, OUT1 and OUT2 turn ON and OFF simultaneously. Input mode Operation after count completion UP DOWN The outputs and present value display are held until reset/reset 1 is input. Output mode setting N UP/DOWN A, B, C UP/DOWN D, E, F F UP DOWN The present value display continues to increase/ decrease. The outputs are held until reset/reset 1 is input. UP/DOWN A, B, C UP/DOWN D, E, F Self-holding output Self-holding output One-shot output from OUT1 One-shot output from OUT2 (The one-shot output time can be set in the range 0.01 to 99.99s.) 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 |