| データシートサーチシステム |
|
RTE0302-R-15 データシート(PDF) 3 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
RTE0302-R-15 データシート(HTML) 3 Page - C&K Components |
|
3 / 7 page ![]() H H–27 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ck-components.com RTE Series Low Profile Rotary DIP Switches NUMBER OF POSITIONS 3 C 1 2 4 RTE02* 2 POSITION RTE03 3 POSITION RTE04 4 POSITION RTE10 10 POSITION RTE16 16 POSITION ESD PROTECTION 0 WITHOUT 1 WITH 2 8 C 4 1 .035 TYP. (ø0,9) 0 .157 (ø4,0) ACTUATOR FLUSH, SCREWDRIVER SLOT 1 EXTENDED SHAFT (not available in surface mount) 2 SHAFT FOR BUTTON 120˚0' C C 2 1 60˚0' 60˚0' 3 1 C C 2 36˚0' 4 1 C 2 8 22˚30' 4 1 C 2 8 .10 (2,54) .10 (2,54) .291 (7,4) 0.378 (9,60) .10 (2,54) .10 (2,54) C 4 1 m 2 8 .035 TYP. (ø0,9) Ø4 .041 (1,05) .077 (1,95) .157 (ø 4,0) .063 (1,6) .079 (2) 0.020 (0,5) |