データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1100PL データシート(PDF) 8 Page - ams AG

部品番号 AS1100PL
部品情報  Serially Interfaced, 8-Digit LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS1100PL データシート(HTML) 8 Page - ams AG

Back Button AS1100PL Datasheet HTML 4Page - ams AG AS1100PL Datasheet HTML 5Page - ams AG AS1100PL Datasheet HTML 6Page - ams AG AS1100PL Datasheet HTML 7Page - ams AG AS1100PL Datasheet HTML 8Page - ams AG AS1100PL Datasheet HTML 9Page - ams AG AS1100PL Datasheet HTML 10Page - ams AG AS1100PL Datasheet HTML 11Page - ams AG AS1100PL Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet AS1100
Revision 1.32, Oct. 2004
Page 8 of 12
Display Test Register
With the display test register 0Fh all LED can be tested. In
the test mode all LEDs are switched on at maximum
brightness (duty cycle 31/32). All programming of digit and
control registers is maintained. The format of the register is
given in table 10.
Number of
Digits
Displayed
Maximum
Segment Current
(mA)
110
220
330
Table 9: Maximum segment current for 1-, 2-, or 3-digit displays
Register Data
Mode
D7 D6 D5 D4 D3 D2 D1 D0
Normal Operation XXXXXXX
0
Display Test
Mode
XXXXXXX
1
Table 10: Display-test register format (address (hex) = 0xXF)
Note: The AS1100 remains in display-test mode until the
display-test register is reconfigured for normal operation.
No-Op Register (Cascading of As1100)
The no-operation register 00h is used when AS1100s are
cascaded in order to support more than 8 digit displays. The
cascading must be done in a way that all DOUT are
connected to DIN of the following AS1100. The LOAD and
CLK signals are connected to all devices. For a write
operation for example to the fifth device the command must
be followed by four no-operation commands. When the
LOAD signal finally goes to high all shift registers are
latched. The first four devices have got no-operation
commands and only the fifth device sees the intended
command and updates its register.
Reset and external Clock Register3
This register is addressed via the serial interface. It allows
to switch the device to external clock mode (If D0=1 the
CLK pin of the serial interface operates as system clock
input.) and to apply an external reset (D1). This brings all
registers (except reg. E) to default state. For standard
operation the register contents should be "00h".
3 This register is not used by MAX7219, since it does not support
software reset and external clocks
Register Data
Mode
Address
code (hex) D7 D6 D5 D4 D3 D2 D1 D0
Normal Operation,
internal clock
0xXE
XX XX X X 0 0
Normal Operation,
external clock
0xXE
XX XX X X 0 1
Reset state,
internal clock
0xXE
XX XX X X 1 0
Reset state,
external clock
0xXE
XX XX X X 1 1
Table 11: Reset and external Clock register (address (hex) = 0xXE)
Applications Information
Supply Bypassing and Wiring
In order to achieve optimal performance the AS1100 shall
be placed very close to the LED display to minimize effects
of electromagnetic interference and wiring inductance.
Furthermore it is recommended to connect a 10µF
electrolytic and a 0.1µF ceramic capacitor between VDD
and GND to avoid power supply ripple. Also, both GNDs
must be connected to ground.
Selecting RSET Resistor and Using External Drivers
The current through the segments is controlled via the
external resistor RSET. Segment current is about 100 times
the current in ISET. The right values for ISET are given in
table 12. The maximum current the AS1100 can drive is
40mA. If higher currents are needed, external drivers must
be used. In that case it is no longer necessary that the
AS1100 drives high currents. A recommended value for
RSET is 47k
Ω. In cases that the AS1100 only drives few
digits table 9 specifies the maximum currents and RSET must
be set accordingly. Refer to absolute maximum ratings to
calculate acceptable limits for ambient temperature,
segment current, and the LED forward-voltage drop.
VLED (V)
ISEG (mA)
1.5
2.0
2.5
3.0
3.5
40
12.2
11.8
11.0
10.6
9.69
30
17.8
17.1
15.8
15.0
14.0
20
29.8
28.0
25.9
24.5
22.6
10
66.7
63.7
59.3
55.4
51.2
Table 12: RSET vs. segment current and LED forward voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12