| データシートサーチシステム |
|
AS1100PL データシート(PDF) 10 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1100PL データシート(HTML) 10 Page - ams AG |
|
10 / 12 page ![]() Data Sheet AS1100 Revision 1.32, Oct. 2004 Page 10 of 12 Computing Power Dissipation The upper limit for power dissipation (PD) for the AS1100 is determined from the following equation: PD = (VDD x 0.5mA) + (VDD - VLED)(DUTY x ISEG x N) where: VDD = supply voltage DUTY = duty cycle set by intensity register N = number of segments driven (worst case is 8) VLED = LED forward voltage ISEG = segment current set by RSET Dissipation Example: ISEG = 40mA, N = 8, DUTY = 31/32, VLED = 1.8V at 40mA, VDD = 5.25V PD = 5.25V(0.5mA) + (5.25V - 1.8V)(31/32 x 40mA x 8) = 1.07W Thus, for a PDIP package θJA = +75°C/W (from Table 13), the maximum allowed ambient temperature TA is given by: TJ,MAX = TA + PD x θJA = 150°C = TA +1.07W x 75°C/W. where TA = +69.7°C. The TA limit for SO Packages in the dissipation example above is +59.0°C. Package Information Inches Millimeters Dim Min Max Min Max A 0.093 0.104 2.35 2.65 A1 0.004 0.012 0.10 0.30 B 0.014 0.019 0.35 0.49 C 0.009 0.013 0.23 0.32 D 0.598 0.614 15.20 15.60 e 0.050 1.27 E 0.291 0.299 7.40 7.60 H 0.394 0.419 10.00 10.65 L 0.016 0.050 0.40 1.27 Figure 4: SOIC-24 package dimensions |