データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RTE1012-R-7-4 データシート(PDF) 5 Page - C&K Components

部品番号 RTE1012-R-7-4
部品情報  Low Profile Rotary DIP Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTE1012-R-7-4 データシート(HTML) 5 Page - C&K Components

  RTE1012-R-7-4 Datasheet HTML 1Page - C&K Components RTE1012-R-7-4 Datasheet HTML 2Page - C&K Components RTE1012-R-7-4 Datasheet HTML 3Page - C&K Components RTE1012-R-7-4 Datasheet HTML 4Page - C&K Components RTE1012-R-7-4 Datasheet HTML 5Page - C&K Components RTE1012-R-7-4 Datasheet HTML 6Page - C&K Components RTE1012-R-7-4 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
H
H–29
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
45º0'
ø0,9
(ø035)
.335
(8,5)
.144
(3,65)
.20
(5,08)
.25
(6,34)
.114
(2,9)
.020
(0,5)
.10
(2,54)
.10
(2,54)
.10
(2,54)
.10
(2,54)
TERMINATIONS
V RIGHT ANGLE, THRU-HOLE
G SURFACE MOUNT
.100
(2,54)
.100
(2,54)
.033
(0,85)
.197
(5,0)
.197
(5,0)
.024
(0,6)
.110
(2,8)
.100
(2,54)
.110
(2,8)
.100
(2,54)
.063 4x
(1,6)
.106 4x
(2,7)
(RTE02 only)
.110
(2,8)
.100
(2,54)
.110
(2,8)
.100
(2,54)
.063 5x
(1,6)
.106 5x
(2,7)
RTE03, 04, 10 and 16
PCB layout seen component side
0.1
(2,56)
4
C
1
28
.035
(0,9)
0.1
(2,56)
HOLES
.041
(1,05)
.291
(7,4)
.315
(8,0)
.28
(7,2)
.300
(7,62±0,2)
.358
(9,1)
RTE Series
Low Profile Rotary DIP Switches
M
OPTION



Html Pages

1 2 3 4 5 6 7