| データシートサーチシステム |
|
DR127-101-R データシート(PDF) 32 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
DR127-101-R データシート(HTML) 32 Page - Skyworks Solutions Inc. |
|
32 / 46 page ![]() Si32172/3/5 32 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021 Diagnostic information is available even in the presence of fault conditions that cause the system’s protection devices (fuses, PTCs, etc.) to open. A high-impedance sensing path (pins SRINGC and STIPC) can be used to measure the conditions on Tip/Ring even when the FXS system is effectively disconnected from the line. No relay is required and this sensing path inherently meets Dielectric Withstand per GR-49 (> 1000 V). Figure 16. Internal Test Load Circuit TIP RING HVIC_STATE_SPARE[23] 0 = Test Load OFF 1 = Test Load ON Test Load RTL = 2.2 k (typical) |