| データシートサーチシステム |
|
DR127-101-R データシート(PDF) 36 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
DR127-101-R データシート(HTML) 36 Page - Skyworks Solutions Inc. |
|
36 / 46 page ![]() Si32172/3/5 36 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021 31 SRINGAC RING AC Sense Input Analog ac input used to detect voltage on the RING lead 32 SRINGDC RING DC Sense Input Analog current input used to sense voltage on the RING lead. 33 GPIO2 SRINGC General Purpose I/O RING Coarse Sense Input. Voltage sensing outside protection circuit. 34 GPIO1 STIPC General Purpose I/O TIP Coarse Sense Input. Voltage sensing outside protection circuit. 35 NC No Connect This pin should be left unbiased. 36 VBAT Battery Voltage Supply Connect to battery supply from dc-dc converter. 37 NC No Connect This pin should be left unbiased. 38 RING RING Terminal Connect to the RING lead of the subscriber loop. 39 NC No Connect This pin should be left unbiased. 40 TIP TIP Terminal Connect to the TIP lead of the subscriber loop. 41 NC No Connect This pin should be left unbiased. 42 NC No Connect This pin is internally connected to EPAD2 and should be left unbiased. —EPAD1 Exposed Paddle Connect to ground. —EPAD2 Exposed Paddle Connect to electrically-isolated low thermal impedance inner layer and/or backside thermal plane using multiple thermal vias. Pin # Pin Name Description |