データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LYT5216 データシート(PDF) 6 Page - Power Integrations, Inc.

部品番号 LYT5216
部品情報  Single-Stage LED Driver IC with Combined PFC and Constant Current Output in Isolated and Non-Isolated Topologies
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT5216 データシート(HTML) 6 Page - Power Integrations, Inc.

Back Button LYT5216 Datasheet HTML 2Page - Power Integrations, Inc. LYT5216 Datasheet HTML 3Page - Power Integrations, Inc. LYT5216 Datasheet HTML 4Page - Power Integrations, Inc. LYT5216 Datasheet HTML 5Page - Power Integrations, Inc. LYT5216 Datasheet HTML 6Page - Power Integrations, Inc. LYT5216 Datasheet HTML 7Page - Power Integrations, Inc. LYT5216 Datasheet HTML 8Page - Power Integrations, Inc. LYT5216 Datasheet HTML 9Page - Power Integrations, Inc. LYT5216 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Rev. C 03/16
6
LYT5216-5228
www.power.com
Figure 6. DER-515 PCB Layout Example using SO-16B D Package. Shows the Location of Critical Components and Loop Areas on the PCB Layout.
To ensure that discontinuous conduction mode (DCM) operation of
LYTSwitch-5 is maintained over line input and inductance tolerance
variations, and to ensure for accurate output current regulation, it is
recommended that the LYTSwitch-5 PIXls spreadsheet located at
PI Expert web lab (http://piexpertweblab.power.com/site/login)
should be used for magnetics calculations.
EMI Considerations
Total input capacitance affects PF and ATHD – increasing the value
will degrade performance. With LYTSwitch-5, the combination of a
low-side switching configuration and frequency jitter reduces EMI and
enables the use of small and simple π (pi) filter. It also allows simple
magnetic construction where the main winding can be wound
continuously using the automated winding approach preferred for
low-cost manufacturing. The recommended location of the EMI filter
is after the bridge rectifier. This allows the use of regular film
capacitors as opposed to more expensive safety rated X capacitors
that would be required if the filter is placed before the bridge.
Surge Immunity Consideration
This design assumed a differential surge requirement of 3 kV which
can be met easily with LYTSwitch-5 line overvoltage protection and
using a RCD surge clamp circuit (D5, R2 and C3) and MOV (RV1). For
lower differential surge requirement such as 1 kV, capacitor C3 can
be reduced to 1 mF.
Thermal and Lifetime Considerations
Lighting applications present thermal challenges to the driver. In
many cases the LED load dissipation determines the working ambient
temperature experienced by the drive. Thermal evaluation should be
performed with the driver inside the final enclosure. Temperature
has a direct impact on driver and LED lifetime. For every 10 °C rise in
temperature, component life is reduced by a factor of 2. Therefore it
is important to verify and optimize the operating temperatures of all
components.
Quick Design Checklist
Maximum Drain Voltage
Verify that the peak drain voltage stress (VDS) does not exceed
maximum acceptable drain voltage under all operating conditions,
including start-up and fault conditions.
Maximum Drain Current
Measure the peak drain current under all operation conditions
(including start-up and fault conditions). Look for transformer
saturation (usually occurs at highest operating ambient tempera-
tures). Verify that the peak current is less than the stated Absolute
Maximum Rating in the data sheet.
Thermal Check
At maximum output power, for both minimum and maximum line
voltage and maximum ambient temperature; verify that temperature
specifications are not exceeded for the LYTSwitch-5, transformer,
output diodes, output capacitors and clamp components.
PCB Layout Considerations
The EMI filter components should be located close together to improve
filter effectiveness. Place the EMI filter components C1 and L1 as far
away as possible from any switching nodes on the circuit board
especially U1 drain node, output diode (D7) and the transformer (T1).
Care should be taken in placing the components on the layout that
are used for processing input signals for the feedback loop – any high
frequency noise coupled to the signal pins of U1 may affect proper
system operation. The critical components in DER-515 are R5, R9,
C6, R4, R7 and R8. It is highly recommended that these components
be placed very close to the pins of U1 (to minimize long traces which
could serve as antenna) and far away as much as possible from any
high voltage and high current nodes in the circuit board to avoid
noise coupling.
The bypass supply capacitor C5 should be placed directly across
BYPASS pin and SOURCE pin of U1 for effective noise decoupling.
As shown in Figure 6, minimize the loop areas of the following
switching circuit elements to lessen the creation of EMI.
Loop area formed by the transformer output winding (T1), output
rectifier diode (D7) and output capacitor (C8).
Loop area formed by transformer bias winding (T1), rectifier diode
(D6) and filter capacitor (C7).
Loop area formed by input capacitor (C2), transformer (T1) main
winding R10, C4 and internal MOSFET (U1).
Lastly, unlike discrete MOSFET designs where heat sinking is through
the drain tab and which generates significant EMI, the LYTSwitch-5
devices employ low-side switching and the ground potential SOURCE
pins are used for heat sinking. This allows the designer to maximize
the copper area for good thermal management but without having
the risk of increased EMI.
Design Tools
Up-to-date information on design tools can be found at the Power
Integrations web site: www.power.com
LYTSwitch-5 PIXls spreadsheet is located at PI Expert web lab:
http://piexpertweblab.power.com/site/login.
FEEDBACK Pin
Resistor R9 and C6
LINE SENSE Pin
Resistor R4
Drain Current
Sense R10 and C4
OUTPUT
COMPENSATION
Pin Resistor R5
BYPASS Pin
Capacitor C5
Bias Diode Rectifier D6
and Filter C7
Output
Capacitor
TRF
DRIVER CURRENT
SENSE Pin Resistor R7
DATA OUTPUT Pin
Resistor R8
Ouput Diode
Rectifier D7 and
Filter C8
PI-7795-120315



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com