データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LYT5216 データシート(PDF) 7 Page - Power Integrations, Inc.

部品番号 LYT5216
部品情報  Single-Stage LED Driver IC with Combined PFC and Constant Current Output in Isolated and Non-Isolated Topologies
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT5216 データシート(HTML) 7 Page - Power Integrations, Inc.

Back Button LYT5216 Datasheet HTML 3Page - Power Integrations, Inc. LYT5216 Datasheet HTML 4Page - Power Integrations, Inc. LYT5216 Datasheet HTML 5Page - Power Integrations, Inc. LYT5216 Datasheet HTML 6Page - Power Integrations, Inc. LYT5216 Datasheet HTML 7Page - Power Integrations, Inc. LYT5216 Datasheet HTML 8Page - Power Integrations, Inc. LYT5216 Datasheet HTML 9Page - Power Integrations, Inc. LYT5216 Datasheet HTML 10Page - Power Integrations, Inc. LYT5216 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Rev. C 03/16
7
LYT5216-5228
www.power.com
Absolute Maximum Ratings(1,3)
DRAIN Pin Voltage:
LYT521x............................ -0.3 V to 650 V
LYT522x ........................... -0.3 V to 725 V
DRAIN Pin Peak Current(4) LYT5225 ........................... 1.95 A (3.16 A)
LYT5216 ............................. 3.25 A (4.0 A)
LYT5226 ........................... 2.64 A (4.35 A)
LYT5218 ............................. 5.06 A (6.3 A)
LYT5228 ........................... 4.16 A (6.86 A)
BP, DO, DS, OC, L DS, FB Pin Voltage..........................-0.3 V to 6.5 V
Lead Temperature(2) .............................................................. 260 °C
Storage Temperature ...................................................-65 to 150 °C
Operating Junction Temperature.................................. -40 to 150 °C
Notes:
1. All voltages referenced to Source, T
A = 25 °C.
2. 1/16 in. from case for 5 seconds.
3. The Absolute Maximum Ratings specified may be applied, one at a
time without causing permanent damage to the product. Exposure
to Absolute Maximum Ratings for extended periods of time may
affect product reliability.
4. The higher peak Drain current (in parentheses) is allowed while the
Drain voltage is simultaneously less than 400 V for 725 V integrated
MOSFET version, or less than 325 V for 650 V integrated MOSFET
version.
Parameter
Symbol
Conditions
SOURCE = 0 V
T
J = -40 °C to +125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Maximum
Output Frequency
f
MAX
T
J = 25 °C
Average
115.3
124
132.7
kHz
Peak-to-Peak Jitter
8
%
Minimum
Output Frequency
f
MIN
T
J = 0 °C to 125 °C
Average
40
kHz
Peak-to-Peak Jitter
8
%
Frequency Jitter
Modulation Rate
f
M
See Note A
1.76
kHz
Maximum On-Time
T
ON(MAX)
T
J = 25 °C
5.75
6.25
6.75
ms
Minimum On-Time
T
ON(MIN)
T
J = 25 °C
0.95
1.05
1.15
ms
FEEDBACK Pin Voltage
V
FB
T
J = 25 °C
291
300
309
mV
FEEDBACK Pin Voltage
Triggering Cycle
Skipping
V
FB(SK)
600
mV
FEEDBACK Pin
Overvoltage Threshold
V
FB(OV)
2000
mV
Feedback Pull-Up Current
I
FB
-1.3
-1.0
-0.7
mA
Thermal Resistance
Thermal Resistance: SO-16B Package:
(q
JA)..................................................78 °C/W
(2)
(q
JA) .................................................... 68 °C/W
(3)
(q
JC)
(1)
...............................................43 °C/W
Notes:
1. Measured per JESD 51-1, MIL-STD-883C-1012.1 and SEMI test
method #G43-87.
2. Soldered to 0.36 sq. inch (232 mm2) 2 oz. (610 g/m2) copper clad,
with no external heat sink attached.
3. Soldered to 1 sq. in. (645 mm2), 2 oz, (610 g/m2) copper clad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com