| データシートサーチシステム |
|
STTH1R02 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH1R02 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() Characteristics STTH1R02 2/8 1 Characteristics To evaluate the conduction losses use the following equation: P = 0.68 x IF(AV) + 0.08 IF 2 (RMS) Table 1. Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 200 V IFRM Repetitive peak forward current DO-41(1) tp = 5 µs, F = 5 kHz 30 A SMA IF(RMS) RMS forward current DO-41 50 A SMA IF(AV) Average forward current, δ = 0.5 DO-41 Tlead = 110° C 1.5 A SMA Tc = 110° C IFSM Surge non repetitive forward current tp = 10 ms Sinusoidal 60 A Tstg Storage temperature range -65 to + 175 °C Tj Maximum operating junction temperature DO-41(1) 175 °C SMA 150 1. On infinite heatsink with 10 mm lead length Table 2. Thermal parameters Symbol Parameter Value Unit Rth(j-c) Junction to lead Lead Length = 10 mm on infinite heatsink DO-41 45 °C/W Junction to case SMA 30 Table 3. Static electrical characteristics Symbol Parameter Test conditions Min. Typ Max. Unit IR (1) Reverse leakage current Tj = 25 °C VR = VRRM 3 µA Tj = 125 °C 2 20 VF (2) Forward voltage drop Tj = 25 °C IF = 4.5 A 1.2 V Tj = 25 °C IF = 1.5 A 0.89 1 Tj = 100 °C 0.76 0.85 Tj = 150 °C 0.70 0.80 1. Pulse test: tp = 5 ms, δ < 2 % 2. Pulse test: tp = 380 µs, δ < 2 % |