| データシートサーチシステム |
|
TLP352F データシート(PDF) 12 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP352F データシート(HTML) 12 Page - Toshiba Semiconductor |
|
12 / 21 page ![]() TLP352,TLP352F 12 15. 15. 15. 15. Land Pattern Dimensions for Reference Only Land Pattern Dimensions for Reference Only Land Pattern Dimensions for Reference Only Land Pattern Dimensions for Reference Only Unit: mm Lead forming and taping option Lead forming and taping option Lead forming and taping option Lead forming and taping option (LF1), (TP1), (LF5), (TP5) Lead forming and taping option Lead forming and taping option Lead forming and taping option Lead forming and taping option (LF4), (TP4) 16. 16. 16. 16. Marking (Note) Marking (Note) Marking (Note) Marking (Note) TLP352 TLP352F Note: A different marking is used for photocouplers that have been qualified according to option (D4) of EN60747. See Fig.17.4 and Fig.17.5. 2016-09-27 Rev.7.0 ©2016 Toshiba Corporation |