| データシートサーチシステム |
|
TLP352F データシート(PDF) 14 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP352F データシート(HTML) 14 Page - Toshiba Semiconductor |
|
14 / 21 page ![]() TLP352,TLP352F 14 Fig. Fig. Fig. Fig. 17.2 17.2 17.2 17.2 Insulation Related Specifications (Note) Insulation Related Specifications (Note) Insulation Related Specifications (Note) Insulation Related Specifications (Note) Note: If a printed circuit is incorporated, the creepage distance and clearance may be reduced below this value. (e.g., at a standard distance between soldering eye centers of 7.5 mm). If this is not permissible, the user shall take suitable measures. Note: This photocoupler is suitable for safe electrical isolation safe electrical isolation safe electrical isolation safe electrical isolation only within the safety limit data. Maintenance of the safety data shall be ensured by means of protective circuits. Fig. Fig. Fig. Fig. 17.3 17.3 17.3 17.3 Marking on Packing for EN60747 Marking on Packing for EN60747 Marking on Packing for EN60747 Marking on Packing for EN60747 Fig. Fig. Fig. Fig. 17.4 17.4 17.4 17.4 Marking Example (Note) Marking Example (Note) Marking Example (Note) Marking Example (Note) Fig. Fig. Fig. Fig. 17.5 17.5 17.5 17.5 Marking Example (Note) Marking Example (Note) Marking Example (Note) Marking Example (Note) Note: The above marking is applied to the photocouplers that have been qualified according to option (D4) of EN60747. 2016-09-27 Rev.7.0 ©2016 Toshiba Corporation |