| データシートサーチシステム |
|
MCT8317A データシート(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MCT8317A データシート(HTML) 3 Page - Texas Instruments |
|
3 / 161 page ![]() 5 Device Comparison Table Table 5-1. Differences between PMCT8317 and MCT8317 Parameter PMCT8317A0I MCT8317A0I Over Temperature Warning Not EEPROM configurable; always enabled EEPROM configurable Over Temperature Warning Response FETs are in Hi-Z, reported on nFAULT and GATE_DRIVER_FAULT_STATUS bits FETs are Active, reported on nFAULT and GATE_DRIVER_FAULT_STATUS bits Over Voltage Fault Mode One mode: FETs are in Hi- Z, reported on nFAULT and GATE_DRIVER_FAULT_STATUS bits when VM > VOVP (rising) Two modes configurable through EEPROM : 1. FETs are in Hi-Z, reported on nFAULT and GATE_DRIVER_FAULT_STATUS bits when VM > VOVP (rising) 2. 1. FETs are Active, reported on nFAULT and GATE_DRIVER_FAULT_STATUS bits when VM > VOVP (rising) Brake during ISD Time based brake Time or current based brake - EEPROM configurable option www.ti.com MCT8317A SLLSFQ2 – JANUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 3 Product Folder Links: MCT8317A |