データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER113XSTR データシート(PDF) 18 Page - STMicroelectronics

部品番号 VIPER113XSTR
部品情報  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER113XSTR データシート(HTML) 18 Page - STMicroelectronics

Back Button VIPER113XSTR Datasheet HTML 14Page - STMicroelectronics VIPER113XSTR Datasheet HTML 15Page - STMicroelectronics VIPER113XSTR Datasheet HTML 16Page - STMicroelectronics VIPER113XSTR Datasheet HTML 17Page - STMicroelectronics VIPER113XSTR Datasheet HTML 18Page - STMicroelectronics VIPER113XSTR Datasheet HTML 19Page - STMicroelectronics VIPER113XSTR Datasheet HTML 20Page - STMicroelectronics VIPER113XSTR Datasheet HTML 21Page - STMicroelectronics VIPER113XSTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
General description
VIPer11
18/37
DS11873 Rev 5
In external supply the HV current source is always kept off by maintaining the VCC above
VCSon. In this case the residual consumption is given by the power dissipated on RG,
calculated as follows:
Equation 1
At the nominal input voltage, 230 VAC, the typical consumption (RG = 34 M) is 3.2 mW and
the worst-case consumption (RG = 28 M) is 3.9 mW.
When the IC is disconnected from the mains, or there is a mains interruption, for some time
the converter keeps on working, powered by the energy stored in the input bulk capacitor.
When it is discharged below a critical value, the converter is no longer able to keep the
output voltage regulated. During the power down, when the DRAIN voltage becomes too
low, the HV current source (IHV) remains off and the IC is stopped as soon as the VCC drops
below the UVLO threshold, VCCoff.
Figure 27. Power-ON and power-OFF
P
VIINDC
2
RG
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37