データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER113XSTR データシート(PDF) 19 Page - STMicroelectronics

部品番号 VIPER113XSTR
部品情報  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER113XSTR データシート(HTML) 19 Page - STMicroelectronics

Back Button VIPER113XSTR Datasheet HTML 15Page - STMicroelectronics VIPER113XSTR Datasheet HTML 16Page - STMicroelectronics VIPER113XSTR Datasheet HTML 17Page - STMicroelectronics VIPER113XSTR Datasheet HTML 18Page - STMicroelectronics VIPER113XSTR Datasheet HTML 19Page - STMicroelectronics VIPER113XSTR Datasheet HTML 20Page - STMicroelectronics VIPER113XSTR Datasheet HTML 21Page - STMicroelectronics VIPER113XSTR Datasheet HTML 22Page - STMicroelectronics VIPER113XSTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
DS11873 Rev 5
19/37
VIPer11
General description
37
5.5
Soft-start
The internal soft-start function of the device progressively increases the cycle-by-cycle
current limitation set point from zero up to IDLIM in 8 steps. The soft-start time, tSS, is
internally set at 8 ms. This function is activated at any attempt of converter startup and at
any restart after a fault event. The feature protects the system at startup, when the converter
would run at its maximum drain current limitation because the output capacitor is fully
discharged and behaves like a short-circuit.
Figure 28. Soft startup
5.6
Oscillator
The IC embeds a fixed frequency oscillator with jittering feature. The switching frequency is
modulated by approximately ± 7% kHz FOSC at 260 Hz rate. The purpose of the jittering is to
get a spread-spectrum action that distributes the energy of each harmonic of the switching
frequency over a number of frequency bands, having the same energy on the whole but
smaller amplitudes. This helps to reduce the conducted emissions, especially when
measured with the average detection method or, which is the same, to pass the EMI tests
with an input filter of smaller size than that needed in absence of jittering feature.
Three options with different switching frequencies, FOSC, are available: 30 (X type),
60 kHz (L type) and 120 kHz (H type).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37