| データシートサーチシステム |
|
UPSD3422EB40U6 データシート(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 データシート(HTML) 81 Page - STMicroelectronics |
|
81 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD3422, UPSD3433, UPSD3434, UPSD3454 I/O ports of mcu module 81/300 Figure 17. MCU I/O cell block diagram for port 3 Figure 18. MCU I/O cell block diagram for port 4 Table 35. P1: I/O port 1 register (SFR 90h, reset value FFh) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 P1.7 P1.6 P1.5 P1.4 P1.3 P1.2 P1.1 P1.0 Table 36. P1 register bit definition Bit Symbol R/W Function(1) 7 P1.7 R,W Port pin 1.7 6 P1.6 R,W Port pin 1.6 5 P1.5 R,W Port pin 1.5 4 P1.4 R,W Port pin 1.4 3 P1.3 R,W Port pin 1.3 P3.X Pin Digital_Pin_Data_In Q D PRE SFR P3.X Latch 8032 Data Bus Bit GPIO P3.X SFR Write Latch MCU_Reset P3.X SFR Read Latch (for R-M-W instructions) P3.X SFR Read Pin Select_Alternate_Func Disables High-Side Driver IN 1 IN 0 Y MUX VCC VCC VCC SEL Enable_I 2 C WEAK PULL-UP, B STONGER PULL-UP, A LOW SIDE HIGH SIDE DELAY, 1 MCU_CLK DELAY, 1 MCU_CLK Q Digital_Alt_Func_Data_Out AI09601 P4.X Pin Digital_Pin_Data_In Q D PRE SFR P4.X Latch 8032 Data Bus Bit GPIO P4.X SFR Write Latch MCU_Reset P4.X SFR Read Latch (for R-M-W instructions) P4.X SFR Read Pin Select_Alternate_Func For PCA Alternate Function IN 1 IN 0 Y MUX VCC VCC VCC SEL Enable_Push_Pull WEAK PULL-UP, B STONGER PULL-UP, A LOW SIDE HIGH SIDE DELAY, 1 MCU_CLK DELAY, 1 MCU_CLK Q Digital_Alt_Func_Data_Out AI09602 Obsolete Product(s) - Obsolete Product(s) |