| データシートサーチシステム |
|
UPSD3422EB40U6 データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD3422, UPSD3433, UPSD3434, UPSD3454 Pin descriptions 25/300 P3.1 TXD0 77 24 I/O General I/O port pin UART0 Transmit (TxD0) P3.2 EXINT0 TGO 79 25 I/O General I/O port pin Interrupt 0 input (EXTINT0)/Timer 0 gate control (TG0) P3.3 INT1 2 26 I/O General I/O port pin Interrupt 1 input (EXTINT1)/Timer 1 gate control (TG1) P3.4 C0 40 27 I/O General I/O port pin Counter 0 input (C0) P3.5 C1 42 28 I/O General I/O port pin Counter 1 input (C1) P3.6 SDA 44 29 I/O General I/O port pin I2C bus serial data (I2CSDA) P3.7 SCL 46 30 I/O General I/O port pin I2C bus clock (I2CSCL) P4.0 T2 TCM0 33 22 I/O General I/O port pin Program counter array0 PCA0-TCM0 Timer 2 count input (T2) P4.1 T2X TCM1 31 21 I/O General I/O port pin PCA0-TCM1 Timer 2 trigger input (T2X) P4.2 RXD1 TCM2 30 20 I/O General I/O port pin PCA0-TCM2 UART1 or IrDA Receive (RxD1) P4.3 TXD1 PCACLK0 27 18 I/O General I/O port pin PCACLK0 UART1 or IrDA Transmit (TxD1) P4.4 SPICLK TCM3 25 17 I/O General I/O port pin Program counter Array1 PCA1-TCM3 SPI clock out (SPICLK) P4.5 SPIRXD TCM4 23 16 I/O General I/O port pin PCA1-TCM4 SPI Receive (SPIRxD) P4.6 SPITXD 19 15 I/O General I/O port pin PCA1-TCM5 SPI Transmit (SPITxD) P4.7 SPISEL PCACLK1 18 14 I/O General I/O port pin PCACLK1 SPI Slave Select (SPISEL) AVREF 70 N/A I Reference Voltage input for ADC. Connect AVREF to VCC if the ADC is not used. RD 65 N/A O READ signal, external bus WR 62 N/A O WRITE signal, external bus PSEN 63 N/A O PSEN signal, external bus Table 2. Pin definitions (continued) Port pin Signal name 80-pin No. 52-pin No.(1) In/out Function Basic Alternate 1 Alternate 2 Obsolete Product(s) - Obsolete Product(s) |