| データシートサーチシステム |
|
ST25DV04K データシート(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV04K データシート(HTML) 77 Page - STMicroelectronics |
|
77 / 197 page ![]() 7.4.6 Response format The response consists of: • an SOF • flags • parameters and data • a CRC • an EOF Table 97. General response format SOF Response_flags Parameters Data 2 byte CRC EOF 7.4.7 Response flags In a response, the flags indicate how actions have been performed by the ST25DVxxx and whether corresponding fields are present or not. The response flags consist of eight bits. Table 98. Definitions of response flags 1 to 8 Bit Nb Flag Level Description Bit 1 Error_flag 0 No error 1 Error detected. Error code is in the “Error” field. Bit 2 RFU 0 - Bit 3 RFU 0 - Bit 4 Extension flag 0 No extension Bit 5 RFU 0 - Bit 6 RFU 0 - Bit 7 RFU 0 - Bit 8 RFU 0 - ST25DV04K ST25DV16K ST25DV64K RF protocol description DS10925 - Rev 11 page 77/197 |