| データシートサーチシステム |
|
ST25DV04K データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV04K データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 197 page ![]() RF_PUT_MSG: • A pulse is emitted on GPO when a message is successfully written by RF in fast transfer mode mailbox. • When RF_PUT_MSG is activated, a pulse of duration IT_TIME is emitted on GPO at completion of valid Write Message or Fast Write Message commands (after EOF of ST25DV response). Figure 16. RF_PUT_MSG sequence 2) VCD sends a Write Message or Fast Write Message command and ST25DV replies with error. GPO/RF_PUT_MSG remains high-Z. S O F E O F 3) VCD sends Write Message or Fast Write Message command and ST25DV stays quiet (command not for this VICC, or quiet state). GPO/RF_PUT_MSG stays high-Z. Write Msg Command GPO/RF_PUT_MSG (OD) GPO/RF_PUT_MSG (OD) S O F Write Msg command E O F 1) VCD sends a Write Message or Fast Write Message command and ST25DV replies with no error. GPO/RF_PUT_MSG generates a pulse during IT_TIME after ST25DV response. t1 GPO/RF_PUT_MSG (OD) S O F E O F ST25DV reply S O F Write Msg command E O F t1 S O F E O F ST25DV reply 4) VCD sends a any other command than Write Message or Fast Write Message commands and ST25DV replies. GPO/RF_PUT_MSG remains high-Z. GPO/RF_PUT_MSG (OD) S O F Any other command E O F t1 S O F E O F ST25DV reply ST25DV04K ST25DV16K ST25DV64K GPO DS10925 - Rev 11 page 31/197 |