データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSM6DSO データシート(PDF) 5 Page - STMicroelectronics

部品番号 LSM6DSO
部品情報  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO データシート(HTML) 5 Page - STMicroelectronics

  LSM6DSO Datasheet HTML 1Page - STMicroelectronics LSM6DSO Datasheet HTML 2Page - STMicroelectronics LSM6DSO Datasheet HTML 3Page - STMicroelectronics LSM6DSO Datasheet HTML 4Page - STMicroelectronics LSM6DSO Datasheet HTML 5Page - STMicroelectronics LSM6DSO Datasheet HTML 6Page - STMicroelectronics LSM6DSO Datasheet HTML 7Page - STMicroelectronics LSM6DSO Datasheet HTML 8Page - STMicroelectronics LSM6DSO Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 172 page
background image
Figure 1. Generic state machine
Finite State Machine in the LSM6DSO
The LSM6DSO works as a combo accelerometer-gyroscope sensor, generating acceleration and angular rate
output data. It is also possible to connect an external sensor (magnetometer) by using the Sensor Hub feature
(Mode 2). These data can be used as input of up to 16 programs in the embedded Finite State Machine
(Figure 2. State machine in the LSM6DSO).
All 16 finite state machines are independent: each one has its dedicated memory area and it is independently
executed. An interrupt is generated when the end state is reached or when some specific command is performed.
Figure 2. State machine in the LSM6DSO
LSM6DSO
Finite State Machine
DS12140 - Rev 2
page 5/172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More