| データシートサーチシステム |
|
ANT-W63WS4-RPS データシート(PDF) 3 Page - Linx Technologies |
|
|
|||||||||||||||||||||||||||||
ANT-W63WS4-RPS データシート(HTML) 3 Page - Linx Technologies |
|
3 / 14 page ![]() 3 Datasheet ANT-W63WS4-ccc Packaging Information The ANT-W63WS4 series antenna is individually sealed in a clear plastic bag and packaged in quantities of 50 pcs in a sealed plastic bag. Distribution channels may offer alternative packaging options. Antenna Orientation The ANT-W63WS4 antenna is characterized in two antenna orientations as shown in Figure 2. The antenna straight orientation characterizes use of an antenna attached to an enclosure-mounted connector which is connected by cable to a printed circuit board. Although the antenna is a dipole not requiring a ground plane for function, characterization with an adjacent ground plane (102 mm x 102 mm) provides insight into antenna performance when attached directly to a printed circuit board mounted connector. The two orientations represent the most common end-product use cases. Straight, without ground plane On edge of ground plane, bent 90 degrees Figure 2. ANT-W63WS4-ccc Test Orientation |