| データシートサーチシステム |
|
ANT-W63WS4-RPS データシート(PDF) 4 Page - Linx Technologies |
|
|
|||||||||||||||||||||||||||||
ANT-W63WS4-RPS データシート(HTML) 4 Page - Linx Technologies |
|
4 / 14 page ![]() 4 Datasheet ANT-W63WS4-ccc VSWR Figure 4 provides the voltage standing wave ratio (VSWR) across the antenna bandwidth. VSWR describes the power reflected from the antenna back to the radio. A lower VSWR value indicates better antenna performance at a given frequency. Reflected power is also shown on the right-side vertical axis as a gauge of the percentage of transmitter power reflected back from the antenna. 0 10 20 30 40 1 2 3 4 5 6 7 2400 2800 3200 3600 4000 4400 4800 5200 5600 6000 6400 6800 7200 Frequency (MHz) Figure 4. ANT-W63WS4-ccc VSWR, Straight Straight, No Ground Plane The charts on the following pages represent data taken with the antenna oriented straight, as shown in Figure 3. Figure 3. ANT-W63WS4-ccc Straight, No Ground Plane (Straight) |