データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP2518FD データシート(PDF) 83 Page - Microchip Technology

部品番号 MCP2518FD
部品情報  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD データシート(HTML) 83 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 79Page - Microchip Technology MCP2518FD Datasheet HTML 80Page - Microchip Technology MCP2518FD Datasheet HTML 81Page - Microchip Technology MCP2518FD Datasheet HTML 82Page - Microchip Technology MCP2518FD Datasheet HTML 83Page - Microchip Technology MCP2518FD Datasheet HTML 84Page - Microchip Technology MCP2518FD Datasheet HTML 85Page - Microchip Technology MCP2518FD Datasheet HTML 86Page - Microchip Technology MCP2518FD Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
 2019 Microchip Technology Inc.
DS20006027A-page 83
MCP2518FD
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will be carried over to
the next line, thus limiting the number of available characters for customer-specific information.
3
e
3
e
Example:
14-Lead SOIC
Example:
14-Lead VDFN
MCP2518FD
SL
1814256
3
e
2518FD
QBB
814256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96