| データシートサーチシステム |
|
MCP2518FD データシート(PDF) 87 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2518FD データシート(HTML) 87 Page - Microchip Technology |
|
87 / 96 page ![]() 2019 Microchip Technology Inc. DS20006027A-page 87 MCP2518FD B A 0.10 C 0.10 C 0.10 C A B 0.05 C (DATUM B) C SEATING PLANE 12 N 2X TOP VIEW SIDE VIEW BOTTOM VIEW 0.10 C A B 0.10 C A B 0.10 C 0.08 C Microchip Technology Drawing C04-21361 Rev B Sheet 1 of 2 2X 14X For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 14-Lead Very Thin Plastic Dual Flat, No Lead Package (QBB) - 4.5x3 mm Body [VDFN] With 1.6x4.2 mm Exposed Pad and Stepped Wettable Flanks D E NOTE 1 (A3) 12 N D2 E2 NOTE 1 L K e A A (DATUM A) A A1 14X b |