| データシートサーチシステム |
|
MB90F474LPF データシート(PDF) 53 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F474LPF データシート(HTML) 53 Page - fujitsu semiconductor |
|
53 / 118 page ![]() MB90470 Series 53 (2) Output Compare The output compare module consists of a 16-bit compare register, compare output pin unit, and control register. When the value in the compare register in this module matches the value of the 16-bit free-run timer, the pin output level can be inverted and an interrupt generated. • There are six compare registers that can operate independently. Module settings can be used to use the two compare registers to control the output. • The interrupt can be set by a compare match. • Register List Compare register (OCCP0 to OCCP5) Control register (OCS1/3/5) Control register (OCS0/2/4) Default value 00004BH 00004DH 00004FH 000051H 000053H 000055H XXXXXXXXB Default value 00004AH 00004CH 00004EH 000050H 000052H 000054H XXXXXXXXB Default value 000057H 000059H 00005BH ---00000B Default value 000056H 000058H 00005AH 0000--00B 15 14 13 12 11 10 9 8 (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) C14 C15 C13 C12 C11 C10 C09 C08 65 4 3 2 1 0 (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W) C06 C07 C05 C04 C03 C02 C01 C00 15 14 13 12 11 10 9 8 ( )( )( ) (R/W) (R/W) (R/W) (R/W) (R/W) CMOD OTE1 OTE0 OTD1 OTD0 76 5 4 3 2 1 0 (R/W) (R/W) (R/W) (R/W) ( )( ) (R/W) (R/W) ICP0 ICP1 ICE1 ICE0 CST1 CST0 |