| データシートサーチシステム |
|
MB90F474LPF データシート(PDF) 65 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F474LPF データシート(HTML) 65 Page - fujitsu semiconductor |
|
65 / 118 page ![]() MB90470 Series 65 14. Watchdog Timer The watchdog timer is a 2-bit counter that uses a count clock signal output by the timer base timer or watch timer and will reset the CPU unless cleared within a specified period of time. (1) Register List (2) Block Diagram Watchdog timer control register (WDTC) 0000A8H Default value ( ) ( X ) ( R ) ( X ) ( R ) ( X ) ( R ) ( X ) ( W ) ( 1 ) ( W ) ( 1 ) ( W ) ( 1 ) 76 5 4 3 2 1 0 Reserved ( R ) ( X ) PONR WRST ERST SRST WTE WT1 WT0 PONR STBR WRST ERST SRST WTE WT1 WT0 × 21 × 22 × 28 × 29 × 210 × 211 × 212 × 213 × 214 × 215 × 216 × 217 × 218 × 21 SCLK HCLK signal / 2 CLR CLR × 22 × 28 × 29 × 210 × 211 × 212 × 213 × 214 × 215 × 216 × 217 × 218 2 4 4 Watchdog timer control register (WDTC) Watch timer control register (WT0) WDCS bit Clock select register (CKSCR) SCM bit Watch mode start Time base timer mode start Sleep mode start Hold status start Watchdog timer CLR and start Counter clear control circuit Watchdog reset generator circuit Internal reset generator circuit 2-bit counter Count clock selector Stop mode start Clear Time base counter HCLK : Oscillator clock SCLK : Sub-clock |