| データシートサーチシステム |
|
L7809CV データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7809CV データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 47 page ![]() L7800 series Electrical characteristics 15/47 Table 12. Electrical characteristics of L7852C (refer to the test circuits, TJ = -55 to 150°C, VI = 10V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 5.0 5.2 5.4 V VO Output voltage IO = 5mA to 1A, PO ≤15W VI = 8 to 20V 4.95 5.2 5.45 V ∆VO(1) Line regulation VI = 7 to 25V, TJ = 25°C 3 105 mV VI = 8 to 12V, TJ = 25°C 1 52 ∆VO(1) Load regulation IO = 5 mA to 1.5A, TJ = 25°C 105 mV IO = 250 to 750mA, TJ = 25°C 52 Id Quiescent current TJ = 25°C 8 mA ∆Id Quiescent current change IO = 5mA to 1A 0.5 mA VI = 7 to 25 V 1.3 ∆VO/∆T Output voltage drift IO = 5mA -1 mV/°C eN Output noise voltage B =10Hz to 100KHz, TJ = 25°C 42 µV/VO SVR Supply voltage rejection VI = 8 to 18V, f = 120Hz 61 dB Vd Dropout voltage IO = 1A, TJ = 25°C 2 V RO Output resistance f = 1 KHz 17 m Ω Isc Short circuit current VI = 35V, TJ = 25°C 0.75 A Iscp Short circuit peak current TJ = 25°C 2.2 A 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |