| データシートサーチシステム |
|
L7809CV データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7809CV データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 47 page ![]() L7800 series Electrical characteristics 25/47 Table 22. Electrical characteristics of L7824C (refer to the test circuits, TJ = -55 to 150°C, VI = 33V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 23 24 25 V VO Output voltage IO = 5mA to 1A, PO ≤15W VI = 27 to 38V 22.8 24 25.2 V ∆VO(1) Line regulation VI = 27 to 38V, TJ = 25°C 480 mV VI = 30 to 36V, TJ = 25°C 240 ∆VO(1) Load regulation IO = 5 mA to 1.5A, TJ = 25°C 480 mV IO = 250 to 750mA, TJ = 25°C 240 Id Quiescent current TJ = 25°C 8 mA ∆Id Quiescent current change IO = 5mA to 1A 0.5 mA VI = 27 to 38V 1 ∆VO/∆T Output voltage drift IO = 5mA -1.5 mV/°C eN Output noise voltage B =10Hz to 100KHz, TJ = 25°C 170 µV/VO SVR Supply voltage rejection VI = 28 to 38V, f = 120Hz 50 dB Vd Dropout voltage IO = 1A, TJ = 25°C 2 V RO Output resistance f = 1 KHz 28 m Ω Isc Short circuit current VI = 35V, TJ = 25°C 0.15 A Iscp Short circuit peak current TJ = 25°C 2.1 A 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |