データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L7810CP データシート(PDF) 35 Page - STMicroelectronics

部品番号 L7810CP
部品情報  Positive voltage regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7810CP データシート(HTML) 35 Page - STMicroelectronics

Back Button L7810CP Datasheet HTML 31Page - STMicroelectronics L7810CP Datasheet HTML 32Page - STMicroelectronics L7810CP Datasheet HTML 33Page - STMicroelectronics L7810CP Datasheet HTML 34Page - STMicroelectronics L7810CP Datasheet HTML 35Page - STMicroelectronics L7810CP Datasheet HTML 36Page - STMicroelectronics L7810CP Datasheet HTML 37Page - STMicroelectronics L7810CP Datasheet HTML 38Page - STMicroelectronics L7810CP Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
L7800 series
Typical performance
35/47
1.
Application with high capacitance loads and an output voltage greater than 6 volts need an external diode
(see fig. 32) to protect the device against input short circuit. In this case the input voltage falls rapidly while
the output voltage decrease slowly. The capacitance discharges by means of the Base-Emitter junction of
the series pass transistor in the regulator. If the energy is sufficiently high, the transistor may be destroyed.
The external diode by-passes the current from the IC to ground.
Figure 36.
Protection against input short-circuit with high capacitance loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47