データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L7810CP データシート(PDF) 36 Page - STMicroelectronics

部品番号 L7810CP
部品情報  Positive voltage regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7810CP データシート(HTML) 36 Page - STMicroelectronics

Back Button L7810CP Datasheet HTML 32Page - STMicroelectronics L7810CP Datasheet HTML 33Page - STMicroelectronics L7810CP Datasheet HTML 34Page - STMicroelectronics L7810CP Datasheet HTML 35Page - STMicroelectronics L7810CP Datasheet HTML 36Page - STMicroelectronics L7810CP Datasheet HTML 37Page - STMicroelectronics L7810CP Datasheet HTML 38Page - STMicroelectronics L7810CP Datasheet HTML 39Page - STMicroelectronics L7810CP Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Package mechanical data
L7800 series
36/47
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47