| データシートサーチシステム |
|
HC08KL8GRS/D データシート(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC08KL8GRS/D データシート(HTML) 26 Page - NXP Semiconductors |
|
26 / 256 page ![]() General Description General Release Specification MC68HC08KL8 — Rev. 2.0 General Description Features of the CPU08 include: • Enhanced HC05 Programming Model • Extensive Loop Control Functions • 16 Addressing Modes (Eight More Than the HC05) • 16-Bit Index Register and Stack Pointer • Memory-to-Memory Data Transfers • Fast 8 × 8 Multiply Instruction • Fast 16/8 Divide Instruction • Binary-Coded Decimal (BCD) Instructions • Optimization for Controller Applications • Third Party C Language Support 1.4 MCU Block Diagram Figure 1-1 shows the structure of the MC68HC08KL8. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |