| データシートサーチシステム |
|
910 データシート(PDF) 4 Page - Anderson Power Products, Inc. |
|
|
|||||||||||||||||||||||||||||
910 データシート(HTML) 4 Page - Anderson Power Products, Inc. |
|
4 / 6 page ![]() - 99 - All Data Subject To Change Without Notice www.andersonpower.com SB® 350 ACCESSORIES Slide cover over mating end. SB® 350 Connector not included. 996G1 [ 60.5 ] 2.38 [ 76.1 ] 3.00 [ 65 ] 2.56 [ 10.8 ] 0.43 [ 61.9 ] 2.44 [ 2.1 ] 0.08 [ 1.5 ] 0.06 [ 11.9 ] 0.47 Cable Clamps * Durable metal cable clamps securely hold cables to prevent accidental strain or pulls from dislodging wire or contacts from the housing. Cable clamps are recommended for solder terminated wires. Cable Size Min / Max Min / Max Description Inches O.D. mm O.D. Part Number Minimum Quantity 10 Bolt On for Discrete Conductor 1.00 to 0.35 25.4 to 8.8 996G1 * Torque value 50 (in - lbs) / 5.6 (Nm) NOTE: For assembly of clamp to housing only The given wire O.D. information is an estimate. Cable clamps should be evaluated for performance with the actual wire to be used. Handles * Handles are made out of durable PC plastic. Hardware to attach to connector body included in kits. Description Part Numbers Minimum Quantity 100 25 Gray Handle Kit - 995G2 Red Handle Kit - 995G4 Handle Only, Gray 3-5074P1 - Handle Only, Red 3-5074P3 - Handle Only, Black 3-5074P5 - Hardware Bag - 106G7 * Torque value 50 (in - lbs) / 5.6 (Nm) NOTE: For assembly of clamp to housing only Dust Cover Prevents dust and dirt from entering the mating interface of the connector when unmated. NOTE: Not a Hermetic Seal. Description Part Numbers Minimum Quantity 500 50 Dust Cover with Lanyard Strap, Red 113890P3 134G3 SB® 350 Lockout Works with standard lockout - tagout equipment to prevent access to the mating interface of the connector. Made from durable PC plastic. Description Part Number Minimum Quantity 25 Red Lockout - Tagout Kit SB350-LOCKOUT |