| データシートサーチシステム |
|
STFPC311 データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STFPC311 データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 39 page ![]() STFPC311 4 Display RAM address and display mode 15/39 4 Display RAM address and display mode The display RAM stores the data transmitted from an external device to the STFPC311 through the serial interface and is assigned addresses, in units of 8-bits see :Table 2. Only the lower 4 bits of the addresses assigned to Seg17 through Seg20 are valid, the higher 4 bits are ignored. Note: The common grid/segment outputs are grid-based. The grid has to be enabled before any segments can be turned on. If data is written for a segment before enabling its grid, there is nothing on the display. Table 2. Assigned addresses Seg1 Seg4 Seg8 Seg12 Seg16 Seg20 00 HL 00 HU 01 HL 01 HU 02 HL DIG1 03 HL 03 HU 04 HL 04 HU 05 HL DIG2 06 HL 06 HU 07 HL 07 HU 08 HL DIG3 09 HL 09 HU 0A HL 0A HU 0B HL DIG4 0C HL 0C HU 0D HL 0D HU 0E HL DIG5 0F HL 0F HU 10 HL 10 HU 11 HL DIG6 12 HL 12 HU 13 HL 13 HU 14 HL DIG7 15 HL 15 HU 16 HL 16 HU 17 HL DIG8 18 HL 18 HU 19 HL 19 HU 1A HL DIG9 1B HL 1B HU 1C HL 1C HU 1D HL DIG10 1E HL 1E HU 1F HL 1F HU 20 HL DIG11 21 HL 21 HU 22 HL 22 HU 23 HL DIG12 24 HL 24 HU 25 HL 25 HU 26 HL DIG13 27 HL 27 HU 28 HL 28 HU 29 HL DIG14 2A HL 2A HU 2B HL 2B HU 2C HL DIG15 2D HL 2D HU 2E HL 2E HU 2F HL DIG16 b0 b3 b4 b7 XX HL XX HU Lower 4 bits Higher 4 bits |