データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STFPC311 データシート(PDF) 32 Page - STMicroelectronics

部品番号 STFPC311
部品情報  Front panel controller/driver with standby power management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC311 データシート(HTML) 32 Page - STMicroelectronics

Back Button STFPC311 Datasheet HTML 28Page - STMicroelectronics STFPC311 Datasheet HTML 29Page - STMicroelectronics STFPC311 Datasheet HTML 30Page - STMicroelectronics STFPC311 Datasheet HTML 31Page - STMicroelectronics STFPC311 Datasheet HTML 32Page - STMicroelectronics STFPC311 Datasheet HTML 33Page - STMicroelectronics STFPC311 Datasheet HTML 34Page - STMicroelectronics STFPC311 Datasheet HTML 35Page - STMicroelectronics STFPC311 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
13 Serial communication format
STFPC311
32/39
13
Serial communication format
When data is read, a wait time (tWAIT) of 1µs is necessary within the rising edge of the eighth
clock that has set the command, and the falling edge of the first clock that has read the data.
This is required by the STFPC311 to process its internal commands/data (See Figure 28)
Caution:
Care must be taken to connect an external pull-up resistor to this pin (1k
Ωto 10kΩ) because the
DOUT pin is an N-channel, open drain output pin (see Figure 29).
Figure 28. Recption (Command/data WRITE)
Figure 29. Data transmission (data READ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39